Model 3966 Breakout: BNC (Female) To Miniature Banana Plugs FEATURES: Converts BNC (male) cables / connectors to miniature banana plugs for test versatility. Miniature banana plug springs are gold plated Beryllium Copper for excellent electrical connection. BNC connector is molded directly to the wire for pull strength durability and dust and moisture resistance. Black wire is connected to BNC shell, red wire to BNC center contact. Miniature banana plugs are stackable. MATERIALS: BNC: Nickel Plated Brass, Center Contact: Gold Plated Beryllium Copper Dielectric: PTFE Wire: 20 AWG, PVC Insulated Miniature Banana Plug: Body: Brass Gold Plated, Spring: Beryllium Copper, Gold Plated Insulation: Polypropylene, color matches color of wire RATINGS: Operating Voltage: Hands free testing in controlled voltage environments: 500 VRMS Max. Operating Temperature: +131F (+55C) Max. ORDERING INFORMATION: Model 3966* * Custom lengths are available, contact Pomona Product Support at: 1-800-241-2060 All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060 For "Where to Buy" information, visit the Pomona web site at www.pomonaelectronics.com Rev: 100 D1094064 Page 1 of 1
|